Part Number Hot Search : 
TAR5S50U HT6350 SELS6 HYAAM EPM9320 N037M190 R000J SMBJ170
Product Description
Full Text Search
 

To Download HD74AC195 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC195
4-bit Parallel-Access Shift Register
REJ03D0260-0200Z (Previous ADE-205-380 (Z)) Rev.2.00 Jul.16.2004
Description
This shift register features parallel inputs, parallel outputs, J-K serial inputs, Shift/Load control input, and a direct overriding clear. This shift register can operate in two modes: Parallel load; Shift from Q0 towards Q3. Parallel loading is accomplished by applying the four bits of data, and taking the PE Input low. The data is loaded into the associated flip-flops and appears at the outputs after the positive transition of the CP input. During parallel loading, serial data flow is inhibited. Serial shifting occurs synchronously when the PE input is high. Serial data for this mode is entered at the J-K inputs. These inputs allow the first stage to perform as a J-K or toggle flip-flop as shown in the function table.
Features
* Shift Right and Parallel Load Capability * J-K (D-Type) Inputs to First Stage * Complement Output from Last Stage * Asynchronous Master Reset * Outputs Source/Sink 24 mA * Ordering Information
Part Name HD74AC195FPEL HD74AC195RPEL Package Type SOP-16 pin (JEITA) Package Code Package Abbreviation Taping Abbreviation (Quantity) FP-16DAV FP RP EL (2,000 pcs/reel) EL (2,500 pcs/reel)
SOP-16 pin (JEDEC) FP-16DNV
Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Rev.2.00, Jul.16.2004, page 1 of 7
HD74AC195
Pin Arrangement
MR 1 J2 K3 D0 4 D1 5 D2 6 D3 7 GND 8 (Top view) 16 VCC 15 Q0 14 Q1 13 Q2 12 Q3 11 Q3 10 CP 9 PE
Logic Symbol
PE J CP K MR
D0
D1
D2
D3
Q3
Q0
Q1
Q2
Q3
Rev.2.00, Jul.16.2004, page 2 of 7
HD74AC195
Pin Names
CP D0 to D3 PE MR J, K Q0 to Q3, Q3 Clock Pulse Input (Active Rising Edge) Parallel Data Inputs Parallel Enable Input Asynchronous Master Reset J-K or D Type Serial Inputs Outputs
Timing Diagram
CP MR J K PE D0 D1 D2 D3 Q0 Q1 Q2 Q3 Clear Serial Shift Load Serial Shift H L H L
Mode Select-Function Table
Inputs Operating Modes Asynchronous Reset Shift, Set First Stage Shift, Reset First Stage Shift, Toggle First Stage Shift, Retain First Stage MR L H H H H X CP X H H H H PE X H L H L J X H L L H K X X X X X Dn L H L q0 q0 Q0 L q0 q0 q0 q0 Q1 L q1 q1 q1 q1 Outputs Q2 L q2 q2 q2 q2 Q3 H q2 q2 q2 q2 Q3
Parallel Load H L X X dn d0 d1 d2 d3 d3 H : HIGH Voltage Level L : LOW Voltage Level X : Immaterial Lower case letters indicate the state of the referenced input (or output) one setup time prior to the LOW-to-HIGH transition. : LOW-to-HIGH clock transition.
Rev.2.00, Jul.16.2004, page 3 of 7
HD74AC195
Logic Diagram
K D3 D2 D1 D0 VCC PE VCC J
CP MR
Q3
Q3
Q2
Q1
Q0
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C Condition VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V
Recommended Operating Conditions
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 3.0V VCC = 4.5 V VCC = 5.5 V Unit Condition
Rev.2.00, Jul.16.2004, page 4 of 7
HD74AC195
DC Characteristics
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 VIL 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 VOL 5.5 3.0 4.5 5.5 3.0 4.5 Input leakage current Dynamic output current* Quiescent supply current IIN IOLD IOHD ICC 5.5 5.5 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 -- -- 8.0 Ta = -40 to +85C min. max. 2.1 -- 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.48 3.80 4.80 -- -- -- -- -- -- -- 86 -75 -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.37 0.37 0.37 1.0 -- -- 80 A mA mA A V VOUT = 0.1 V or VCC -0.1 V Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA VIN = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics
Ta = +25C CL = 50 pF Min Typ Max 75 100 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 -- -- 9.0 5.5 9.0 6.5 7.5 5.5 6.0 5.0 -- -- 13.0 10.0 13.0 10.0 10.5 8.0 9.0 7.0 Ta = -40C to +85C CL = 50 pF Min Max 65 85 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 -- -- 15.0 11.5 15.0 11.5 12.0 9.5 10.5 8.0 MHz ns ns ns ns
Item Maximum clock frequency Propagation delay CP to Qn or Q3 Propagation delay CP to Qn or Q2 Propagation delay MR to Q2 Propagaion delay MR to Qn Note:
Symbol fmax tPLH tPHL tPLH tPHL
VCC (V)*1 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Unit
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Rev.2.00, Jul.16.2004, page 5 of 7
HD74AC195
AC Operating Requirements
Ta = +25C CL = 50 pF Item Setup time, HIGH or LOW J, K or Dn to CP Hold time, HIGH or LOW J, K or Dn to CP Setup time, HIGH or LOW PE to CP Hold time, HIGH or LOW PE to CP Recovery time MR to CP Pulse width Note: Symbol VCC (V)*1 Typ tsu 3.3 3.0 th tsu th trec tw 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V 2.0 -0.5 0.5 3.5 2.5 -2.0 -1.5 -1.5 -1.0 -3.0 -3.0 Ta = -40C to +85C CL = 50 pF Unit ns ns ns ns ns ns
Guaranteed Minimum 5.5 7.0 4.0 2.0 1.5 5.0 4.0 0.0 0.0 0.5 0.5 5.5 4.5 5.0 3.5 2.0 7.0 5.0 0.0 0.0 0.5 0.5 7.0 5.0
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD 4.5 125 Typ pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.2.00, Jul.16.2004, page 6 of 7
HD74AC195
Package Dimensions
As of January, 2003
10.06 10.5 Max 16 9
5.5
Unit: mm
1
*0.20 0.05
8
0.80 Max
2.20 Max
0.20 7.80 + 0.30 -
1.15
1.27
0.10 0.10
0 - 8
0.70 0.20
*0.40 0.06
0.15
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-16DAV -- Conforms 0.24 g
*Ni/Pd/Au plating
As of January, 2003
Unit: mm
9.9 10.3 Max 16 9
3.95
1 1.27 0.635 Max
8
0.11 0.14 + 0.04 - 1.75 Max
*0.20 0.05
0.10 6.10 + 0.30 -
1.08
0 - 8
+ 0.67 0.60 - 0.20
*0.40 0.06
0.15 0.25 M
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
FP-16DNV Conforms Conforms 0.15 g
Rev.2.00, Jul.16.2004, page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC195

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X